Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download FR107SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 380 - fr101sg thru FR107SG 1.0 amp. glass passivated fast recovery rectifiers voltage range 50 to 1000 volts current 1.0 ampere features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std- 202, method 208 guaranteed polarity: color band denotes cathode end high temperature soldering guaranteed: 260 / 10 seconds/.375?,(9.5mm) lead len g ths at 5lbs., (2.3kg) tension mounting position: any weight: 0.22gram a-405 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fr 101sg fr 102sg fr 103sg fr 104sg fr 105sg fr 106sg fr 107sg units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 55 i (av) 1.0 v peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.3 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 5.0 100 ua ua maximum reverse recovery time ( note 1 ) trr 150 250 500 ns typical junction capacitance ( note 2 ) cj 15 pf typical thermal resistance ( note 3 ) r ja 75 o c/w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 3. mount on cu-pad size 5mm x 5mm on p.c.b.
-- 381 fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (fr101sg thru FR107SG) fig.5- typical forward characteristics instantaneous for ward current . (a) 1.6 .4 .6 .8 1.0 1.2 1.4 0.1 1.0 10 .01 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical junction capacitance junction cap acitance.(pf) 1 10 100 10 1 100 reverse voltage. (v) tj=25 c 0 peak for ward surge current . (a) 1 2 4 6 8 10 20 100 40 60 80 20 10 0 40 50 30 number of cycles at 60hz fig.3- maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method tj=55 c 0 fig.2- maximum forward current derating curve average for ward current . (a) 25 0 50 75 100 125 150 175 0 0.25 0.50 0.75 1.00 1.25 1.50 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length


▲Up To Search▲   

 
Price & Availability of FR107SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X